|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
K4E661612B, K4E641612B CMOS DRAM 4M x 16bit CMOS Dynamic RAM with Extended Data Out DESCRIPTION This is a family of 4,194,304 x 16 bit Extended Data Out Mode CMOS DRAMs. Extended Data Out Mode offers high speed random access of memory cells within the same row. Refresh cycle(4K Ref. or 8K Ref.), access time (-45, -50 or -60), power consumption(Normal or Low power) are optional features of this family. All of this family have CAS-before-RAS refresh, RAS-only refresh and Hidden refresh capabilities. Furthermore, Self-refresh operation is available in L-version. This 4Mx16 EDO Mode DRAM family is fabricated using Samsungs advanced CMOS process to realize high band-width, low power consumption and high reliability. FEATURES * Part Identification - K4E661612B-TC/L(3.3V, 8K Ref., TSOP) - K4E641612B-TC/L(3.3V, 4K Ref., TSOP) * Extended Data Out Mode operation * 2 CAS Byte/Word Read/Write operation * CAS-before-RAS refresh capability * RAS-only and Hidden refresh capability * Fast parallel test mode capability * Self-refresh capability (L-ver only) * LVTTL(3.3V) compatible inputs and outputs Unit : mW * Early Write or output enable controlled write * JEDEC Standard pinout * Available in Plastic TSOP(II) packages * +3.3V0.3V power supply * Active Power Dissipation Speed -45 -50 -60 * Refresh Cycles Part NO. K4E661612B* K4E641612B Refresh cycle 8K 4K Refresh time Normal 64ms L-ver 128ms RAS UCAS LCAS W 8K 360 324 288 4K 468 432 396 FUNCTIONAL BLOCK DIAGRAM Control Clocks Vcc Vss Lower Data in Buffer Sense Amps & I/O Lower Data out Buffer Upper Data in Buffer Upper Data out Buffer VBB Generator * Access mode & RAS only refresh mode : 8K cycle/64ms(Normal), 8K cycle/128ms(L-ver.) CAS-before-RAS & Hidden refresh mode : 4K cycle/64ms(Normal), 4K cycle/128ms(L-ver.) * Performance Range Speed -45 -50 -60 Refresh Timer Refresh Control Refresh Counter Row Decoder DQ0 to DQ7 Memory Array 4,194,304 x 16 Cells OE DQ8 to DQ15 tRAC 50ns 50ns 60ns tCAC 12ns 13ns 15ns tRC 74ns 84ns 104ns tHPC 17ns 20ns 25ns A0~A12 (A0~A11)*1 A0~A8 (A0~A9)*1 Row Address Buffer Col. Address Buffer Column Decoder Note) *1 : 4K Refresh SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice. K4E661612B, K4E641612B CMOS DRAM PIN CONFIGURATION (Top Views) * K4E661612B-T * K4E641612B-T VCC DQ0 DQ1 DQ2 DQ3 VCC DQ4 DQ5 DQ6 DQ7 N.C VCC W RAS N.C N.C N.C N.C A0 A1 A2 A3 A4 A5 VCC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 VSS DQ15 DQ14 DQ13 DQ12 VSS DQ11 DQ10 DQ9 DQ8 N.C VSS LCAS UCAS OE N.C N.C A12(N.C)* A11 A10 A9 A8 A7 A6 VSS (400mil TSOP(II)) *(N.C) : N.C for 4K Refresh Product Pin Name A0 - A12 A0 - A11 DQ0 - 15 VSS RAS UCAS LCAS W OE VCC N.C Pin function Address Inputs(8K Product) Address Inputs(4K Product) Data In/Out Ground Row Address Strobe Upper Column Address Strobe Lower Column Address Strobe Read/Write Input Data Output Enable Power(+3.3V) No Connection K4E661612B, K4E641612B ABSOLUTE MAXIMUM RATINGS Parameter Voltage on any pin relative to VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Output Current Symbol VIN,VOUT VCC Tstg PD IOS Address Rating -0.5 to +6.5 -0.5 to +4.6 -55 to +150 1 50 CMOS DRAM Units V V C W mA * Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. RECOMMENDED OPERATING CONDITIONS (Voltage referenced to Vss, TA= 0 to 70C) Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min 3.0 0 2.0 -0.3 *2 Typ 3.3 0 Max 3.6 0 +5.5*1 0.8 Units V V V V *1 : 6.5V at pulse width15ns which is measured at VCC *2 : -1.3 at pulse width15ns which is measured at VSS DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted.) Parameter Input Leakage Current (Any input 0VINVCC+0.3V, all other pins not under test=0 Volt) Output Leakage Current (Data out is disabled, 0VVOUTVCC) Output High Voltage Level(IOH=-2mA) Output Low Voltage Level(IOL=2mA) Symbol II(L) IO(L) VOH VOL Min -5 -5 2.4 Max 5 5 0.4 Units uA uA V V K4E661612B, K4E641612B DC AND OPERATING CHARACTERISTICS (Continued) Symbol Power Speed K4E661612B ICC1 Dont care Normal L Dont care -45 -50 -60 Dont care -45 -50 -60 -45 -50 -60 Dont care -45 -50 -60 Dont care Dont care 100 90 80 2 2 100 90 80 110 100 90 500 300 100 90 80 400 400 Max K4E641612B 130 120 110 2 2 130 120 110 120 110 100 500 300 130 120 110 400 400 CMOS DRAM Units mA mA mA mA mA mA mA mA mA mA mA uA uA mA mA mA uA uA ICC2 ICC3 ICC4 Dont care Normal L Dont care L L ICC5 ICC6 ICC7 ICCS ICC1* : Operating Current (RAS and UCAS, LCAS, Address cycling @tRC=min.) ICC2 : Standby Current (RAS=UCAS=LCAS=W=VIH) ICC3* : RAS-only Refresh Current (UCAS=LCAS=VIH, RAS, Address cycling @tRC=min.) ICC4* : Extended Data Out Mode Current (RAS=VIL, UCAS or LCAS, Address cycling @tHPC=min.) ICC5 : Standby Current (RAS=UCAS=LCAS=W=VCC-0.2V) ICC6* : CAS-Before-RAS Refresh Current (RAS and UCAS or LCAS cycling @tRC=min) ICC7 : Battery back-up current, Average power supply current, Battery back-up mode Input high voltage(VIH)=VCC-0.2V, Input low voltage(VIL)=0.2V, UCAS, LCAS=CAS-before-RAS cycling or 0.2V W, OE=VIH, Address=Dont care, DQ=Open, TRC=31.25us ICCS : Self Refresh Current RAS=UCAS=LCAS=0.2V, W=OE=A0 ~ A12(A11)=VCC-0.2V or 0.2V, DQ0 ~ DQ15=VCC-0.2V, 0.2V or Open *Note : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open. ICC is specified as an average current. In ICC1, ICC3 and ICC6, address can be changed maximum once while RAS=VIL. In ICC4, address can be changed maximum once within one EDO mode cycle time, tHPC. K4E661612B, K4E641612B CAPACITANCE (TA=25C, VCC=3.3V, f=1MHz) Parameter Input capacitance [A0 ~ A12] Input capacitance [RAS, UCAS, LCAS, W, OE] Output capacitance [DQ0 - DQ15] Symbol CIN1 CIN2 CDQ Min - CMOS DRAM Max 5 7 7 Units pF pF pF AC CHARACTERISTICS (0CTA70C, See note 1,2) Test condition : VCC=3.3V0.3V, Vih/Vil=2.2/0.7V, Voh/Vol=2.0/0.8V Parameter Random read or write cycle time Read-modify-write cycle time Access time from RAS Access time from CAS Access time from column address CAS to output in Low-Z Output buffer turn-off delay from CAS OE to output in Low-Z Transition time (rise and fall) RAS precharge time RAS pulse width RAS hold time CAS hold time CAS pulse width RAS to CAS delay time RAS to column address delay time CAS to RAS precharge time Row address set-up time Row address hold time Column address set-up time Column address hold time Column address to RAS lead time Read command set-up time Read command hold time referenced to CAS Read command hold time referenced to RAS Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Data set-up time Symbol Min -45 Max Min 84 113 45 12 23 3 3 3 1 25 45 8 35 7 11 9 5 0 7 0 7 23 0 0 0 7 6 8 7 0 5K 33 22 10K 50 13 3 3 3 1 30 50 8 38 8 11 9 5 0 7 0 7 25 0 0 0 7 7 8 7 0 10K 37 25 10K 50 13 50 13 25 3 3 3 1 40 60 10 40 10 14 12 5 0 10 0 10 30 0 0 0 10 10 10 10 0 10K 45 30 10K 50 13 -50 Max Min 104 138 60 15 30 -60 Max ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 16 9,19 8 8 13 13 4 10 3,4,10 3,4,5 3,10 3 6,21 3 2 Units Note tRC tRWC tRAC tCAC tAA tCLZ tCEZ tOLZ tT tRP tRAS tRSH tCSH tCAS tRCD tRAD tCRP tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH tWCH tWP tRWL tCWL tDS 74 101 K4E661612B, K4E641612B AC CHARACTERISTICS (Continued) Parameter Data hold time Refresh period (Normal) Refresh period (L-ver) Write command set-up time CAS to W delay time RAS to W delay time Column address to W delay time CAS set-up time (CAS -before-RAS refresh) CAS hold time (CAS -before-RAS refresh) RAS to CAS precharge time Access time from CAS precharge Hyper Page cycle time Hyper Page read-modify-write cycle time CAS precharge time (Hyper page cycle) RAS pulse width (Hyper page cycle) RAS hold time from CAS precharge OE access time OE to data delay CAS precharge to W delay time Output buffer turn off delay time from OE OE command hold time Write command set-up time (Test mode in) Write command hold time (Test mode in) W to RAS precharge time (C-B-R refresh) W to RAS hold time (C-B-R refresh) Output data hold time Output buffer turn off delay from RAS Output buffer turn off delay from W W to data delay OE to CAS hold time CAS hold time to OE OE precharge time W pulse width (Hyper Page Cycle) RAS pulse width (C-B-R self refresh) RAS precharge time (C-B-R self refresh) CAS hold time (C-B-R self refresh) Symbol Min -45 Max Min 7 64 128 0 24 57 35 5 10 5 24 17 47 6.5 45 24 12 8 36 3 5 10 10 10 10 4 3 3 8 5 5 5 5 100 74 -50 13 13 11 10 41 3 5 10 10 10 10 5 3 3 15 5 5 5 5 100 90 -50 13 13 13 200K 20 47 7 50 30 13 13 52 3 5 10 10 10 10 5 3 3 15 5 5 5 5 100 110 -50 200K 0 27 64 39 5 10 5 28 25 56 10 60 35 64 128 0 32 77 47 5 10 5 -50 Max Min 10 -60 CMOS DRAM Units Max ns 64 128 ms ms ns ns ns ns ns ns ns 35 ns ns ns ns Note 9,19 tDH tREF tREF tWCS tCWD tRWD tAWD tCSR tCHR tRPC tCPA tHPC tHPRWC tCP tRASP tRHCP tOEA tOED tCPWD tOEZ tOEH tWTS tWTH tWRP tWRH tDOH tREZ tWEZ tWED tOCH tCHO tOEP tWPE tRASS tRPS tCHS 7 7 7,15 7 7 17 18 3 20 20 14 200K ns ns 15 ns ns ns 13 ns ns ns ns ns ns ns 6 11 11 13 13 ns ns ns ns ns ns ns us ns ns 6,21 6 22,23,24 22,23,24 22,23,24 K4E661612B, K4E641612B TEST MODE CYCLE Parameter Random read or write cycle time Read-modify-write cycle time Access time from RAS Access time from CAS Access time from column address RAS pulse width CAS pulse width RAS hold time CAS hold time Column Address to RAS lead time CAS to W delay time RAS to W delay time Column Address to W delay time Hyper Page cycle time Hyper Page read-modify-write cycle time RAS pulse width (Hyper page cycle) Access time from CAS precharge OE access time OE to data delay OE command hold time Symbol Min -45 Max Min 89 121 50 17 28 50 12 18 39 28 29 62 40 22 52 50 200K 29 17 13 13 18 18 10K 10K 55 13 18 43 30 35 72 47 25 53 55 200K 33 18 20 20 55 18 30 10K 10K 65 15 20 50 35 39 84 54 30 61 65 -50 Max Min 109 145 -60 CMOS DRAM ( Note 11 ) Units Max ns ns 65 20 35 10K 10K ns ns ns ns ns ns ns ns ns ns ns ns ns 200K 40 20 ns ns ns ns ns 3 7 7 7 20 20 3,4,10,12 3,4,5,12 3,10,12 Note tRC tRWC tRAC tCAC tAA tRAS tCAS tRSH tCSH tRAL tCWD tRWD tAWD tHPC tHPRWC tRASP tCPA tOEA tOED tOEH 79 110 K4E661612B, K4E641612B NOTES CMOS DRAM 1. An initial pause of 200us is required after power-up followed by any 8 RAS-only refresh or CAS-before-RAS refresh cycles before proper device operation is achieved. 2. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition times are measured between VIH(min) and VIL(max) and are assumed to be 2ns for all inputs. 3. Measured with a load equivalent to 1 TTL load and 100pF. 4. Operation within the tRCD(max) limit insures that tRAC(max) can be met, tRCD(max) is specified as a reference point only. If tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC. 5. Assumes that tRCDtRCD(max). 6. This parameter defines the time at which the output achieves the open circuit condition and is not referenced to Voh or Vol. 7. tWCS, tRWD, tCWD and tAWD are non restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCStWCS(min), the cycle is an early write cycle and the data output will remain high impedance for the duration of the cycle. If tCWDtCWD(min), tRWDtRWD(min) and tAWDtAWD(min), then the cycle is a read-modify-write cycle and the data output will contain the data read from the selected address. If neither of the above conditions is satisfied, the condition of the data out is indeterminate. 8. Either tRCH or tRRH must be satisfied for a read cycle. 9. These parameters are referenced to CAS falling edge in early write cycles and to W falling edge in OE controlled write cycle and read-modify-write cycles. 10. Operation within the tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as a reference point only. If tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA. 11. These specifications are applied in the test mode. 12. In test mode read cycle, the value of tRAC, tAA, tCAC is delayed by 2ns to 5ns for the specified values. These parameters should be specified in test mode cycles by adding the above value to the specified value in this data sheet. 13. tASC, tCAH are referenced to the earlier CAS falling edge. 14. tCP is specified from the later CAS rising edge in the previous cycle to the earlier CAS falling edge in the next cycle. 15. tCWD is referenced to the later CAS falling edge at word read-modify-write cycle. K4E64(6)1612B Truth Table RAS H L L L L L L L L LCAS X H L H L L H L L UCAS X H H L L H L L L W X X H H H L L L H OE X X L L L H H H H DQ0 - DQ7 Hi-Z Hi-Z DQ-OUT Hi-Z DQ-OUT DQ-IN DQ-IN Hi-Z DQ8-DQ15 Hi-Z Hi-Z Hi-Z DQ-OUT DQ-OUT DQ-IN DQ-IN Hi-Z STATE Standby Refresh Byte Read Byte Read Word Read Byte Write Byte Write Word Write - K4E661612B, K4E641612B 16. tCWL is specified from W falling edge to the earlier CAS rising edge. 17. tCSR is referenced to the earlier CAS falling edge before RAS transition low. 18. tCHR is referenced to the later CAS rising edge after RAS transition low. CMOS DRAM RAS LCAS UCAS tCSR tCHR 19. tDS is specified for the earlier CAS falling edge and tDH is specified by the later CAS falling edge in early write cycle. LCAS UCAS tDS DQ0 ~ DQ15 Din tDH 20. tASC6ns, Assume tT = 2.0ns 21. If RAS goes high before CAS high going, the open circuit condition of the output is achieved by CAS high going. If CAS goes high before RAS high going, the open circuit condition of the output is achieved by RAS high going. 22. If tRASS100us, then RAS precharge time must use tRPS instead of tRP. 23. For RAS-only refresh and burst CAS-before-RAS refresh mode, 4096(4K/8K) cycles of burst refresh must be executed within 64ms before and after self refresh, in order to meet refresh specification. 24. For distributed CAS-before-RAS with 15.6us interval CAS-before-RAS refresh should be executed with in 15.6us immediately before and after self refresh in order to meet refresh specification. K4E661612B, K4E641612B WORD READ CYCLE CMOS DRAM tRC tRAS RAS VIH VIL - tRP tCRP UCAS VIH VIL - tCSH tRCD tRSH tCAS tCSH tRCD tRSH tCAS tCRP tCRP tCRP LCAS VIH VIL - tRAD tASR A VIH VIL - tRAH tASC tRAL tCAH COLUMN ADDRESS ROW ADDRESS tRCS W VIH VIL - tRCH tRRH tAA tOLZ OE VIH VIL - tOEA tCAC tCLZ tCEZ tOEZ DATA-OUT DQ0 ~ DQ7 VOH VOL DQ8 ~ DQ15 VOH VOL - tRAC OPEN tCAC tRAC OPEN tCLZ tOEZ DATA-OUT tCEZ Dont care Undefined K4E661612B, K4E641612B LOWER BYTE READ CYCLE NOTE : DIN = OPEN CMOS DRAM tRC tRAS RAS VIH VIL - tRP tCRP UCAS VIH VIL - tRPC tCRP LCAS VIH VIL - tCSH tRCD tRAD tRSH tCAS tASR A VIH VIL - tRAH tASC tRAL tCAH COLUMN ADDRESS ROW ADDRESS tRCS W VIH VIL - tRCH tRRH tCEZ tAA tOEZ tOEA tCAC tCLZ DATA-OUT OE VIH VIL - DQ0 ~ DQ7 VOH VOL DQ8 ~ DQ15 VOH VOL - tRAC OPEN tOLZ OPEN Dont care Undefined K4E661612B, K4E641612B UPPER BYTE READ CYCLE NOTE : DIN = OPEN CMOS DRAM tRC tRAS RAS VIH VIL - tRP tCRP UCAS VIH VIL - tCSH tRCD tRSH tCAS tRPC tRAD tRAL tCRP tCRP LCAS VIH VIL - tASR A VIH VIL - tRAH tASC tCAH COLUMN ADDRESS ROW ADDRESS tRCS W VIH VIL - tRCH tRRH tCEZ tAA tOEZ tOEA tOLZ OE VIH VIL - DQ0 ~ DQ7 VOH VOL DQ8 ~ DQ15 VOH VOL - OPEN tCAC tRAC OPEN tCLZ DATA-OUT Dont care Undefined K4E661612B, K4E641612B WORD WRITE CYCLE ( EARLY WRITE ) NOTE : DOUT = OPEN CMOS DRAM tRC tRAS RAS VIH VIL - tRP tCRP UCAS VIH VIL - tCSH tRCD tRSH tCAS tCSH tRCD tRSH tCAS tCRP tCRP LCAS VIH VIL - tCRP tRAD tASR tRAH tASC tRAL tCAH COLUMN ADDRESS A VIH VIL - ROW ADDRESS tWCS W VIH VIL - tWCH tWP OE VIH VIL - DQ0 ~ DQ7 VIH VIL - tDS tDH DATA-IN DQ8 ~ DQ15 VIH VIL - tDS tDH DATA-IN Dont care Undefined K4E661612B, K4E641612B LOWER BYTE WRITE CYCLE ( EARLY WRITE ) NOTE : DOUT = OPEN CMOS DRAM tRC tRAS RAS VIH VIL - tRP tCRP UCAS VIH VIL - tCRP LCAS VIH VIL - tCSH tRCD tRSH tCAS tCRP tRAD tASR A VIH VIL - tRAH tASC tRAL tCAH COLUMN ADDRESS ROW ADDRESS tWCS W VIH VIL - tWCH tWP OE VIH VIL - DQ0 ~ DQ7 VIH VIL - tDS tDH DATA-IN DQ8 ~ DQ15 VIH VIL - Dont care Undefined K4E661612B, K4E641612B UPPER BYTE WRITE CYCLE ( EARLY WRITE ) NOTE : DOUT = OPEN CMOS DRAM tRC tRAS RAS VIH VIL - tRP tCRP UCAS VIH VIL - tCSH tRCD tRSH tCAS tCRP tCRP LCAS VIH VIL - tRAD tASR tRAH tASC tRAL tCAH COLUMN ADDRESS A VIH VIL - ROW ADDRESS tWCS W VIH VIL - tWCH tWP OE VIH VIL - DQ0 ~ DQ7 VIH VIL - DQ8 ~ DQ15 VIH VIL - tDS tDH DATA-IN Dont care Undefined K4E661612B, K4E641612B WORD WRITE CYCLE ( OE CONTROLLED WRITE ) NOTE : DOUT = OPEN CMOS DRAM tRC tRAS RAS VIH VIL - tRP tCRP UCAS VIH VIL - tCSH tRCD tRSH tCAS tCSH tRCD tRSH tCAS tCRP tCRP LCAS VIH VIL - tCRP tRAD tASR tRAH tASC tRAL tCAH COLUMN ADDRESS A VIH VIL - ROW ADDRESS tCWL tRWL W VIH VIL - tWP OE VIH VIL - tOED tDS tOEH tDH DATA-IN DQ0 ~ DQ7 VIH VIL - DQ8 ~ DQ15 VIH VIL - tDS tDH DATA-IN Dont care Undefined K4E661612B, K4E641612B LOWER BYTE WRITE CYCLE ( OE CONTROLLED WRITE ) NOTE : DOUT = OPEN CMOS DRAM tRC tRAS RAS VIH VIL - tRP tCRP UCAS VIH VIL - tRPC tCRP LCAS VIH VIL - tCSH tRCD tRSH tCAS tCRP tRAD tASR A VIH VIL - tRAH tASC tRAL tCAH COLUMN ADDRESS ROW ADDRESS tCWL tRWL W VIH VIL - tWP OE VIH VIL - tOED tDS tOEH tDH DATA-IN DQ0 ~ DQ7 VIH VIL - DQ8 ~ DQ15 VIH VIL - Dont care Undefined K4E661612B, K4E641612B UPPER BYTE WRITE CYCLE ( OE CONTROLLED WRITE ) NOTE : DOUT = OPEN CMOS DRAM tRC tRAS RAS VIH VIL - tRP tCRP UCAS VIH VIL - tCSH tRCD tRSH tCAS tCRP tCRP LCAS VIH VIL - tCRP tRAD tASR tRAH tASC tRAL tCAH COLUMN ADDRESS A VIH VIL - ROW ADDRESS W VIH VIL - tCWL tRWL tWP OE VIH VIL - tOED tOEH DQ0 ~ DQ7 VIH VIL - DQ8 ~ DQ15 VIH VIL - tDS tDH DATA-IN Dont care Undefined K4E661612B, K4E641612B WORD READ - MODIFY - WRITE CYCLE CMOS DRAM tRWC tRAS RAS VIH VIL - tRP tCRP UCAS VIH VIL - tRCD tRSH tCAS tCRP LCAS VIH VIL - tRCD tRAD tRSH tCAS tCSH tASR A VIH VIL - tRAH tASC tCAH ROW ADDR. COLUMN ADDRESS tAWD tCWD W VIH VIL VIH VIL - tRWL tCWL tWP tRWD tOEA tOLZ tCLZ tCAC tAA tOED tOEZ VALID DATA-OUT OE DQ0 ~ DQ7 VI/OH VI/OL - tRAC tDS tDH VALID DATA-IN tOLZ tCLZ tCAC tAA DQ8 ~ DQ15 VI/OH VI/OL - tRAC tOED tOEZ VALID DATA-OUT tDS tDH VALID DATA-IN Dont care Undefined K4E661612B, K4E641612B LOWER-BYTE READ - MODIFY - WRITE CYCLE CMOS DRAM tRWC tRAS RAS VIH VIL - tRP tCRP UCAS VIH VIL - tRPC tCRP LCAS VIH VIL - tRCD tRSH tCAS tRAD tCSH tASR tRAH tASC tCAH A VIH VIL - ROW ADDR. COLUMN ADDRESS tAWD tCWD W VIH VIL VIH VIL - tRWL tCWL tWP tRWD tOEA OE tOLZ tCLZ tCAC tAA DQ0 ~ DQ7 VI/OH VI/OL DQ8 ~ DQ15 VOH VOL - tRAC tOED tOEZ VALID DATA-OUT tDS tDH VALID DATA-IN OPEN Dont care Undefined K4E661612B, K4E641612B UPPER-BYTE READ - MODIFY - WRITE CYCLE CMOS DRAM tRWC tRAS RAS VIH VIL - tRP tCRP UCAS VIH VIL - tRCD tRSH tCAS tCRP LCAS VIH VIL - tRPC tRAD tCSH tASR tRAH tASC tCAH A VIH VIL - ROW ADDR COLUMN ADDRESS tAWD tCWD W VIH VIL VIH VIL - tRWL tCWL tWP tRWD tOEA OE DQ0 ~ DQ7 VOH VOL - OPEN tOLZ tCLZ tCAC tAA tRAC DQ8 ~ DQ15 VI/OH VI/OL - tOED tOEZ VALID DATA-OUT tDS tDH VALID DATA-IN Dont care Undefined K4E661612B, K4E641612B HYPER PAGE MODE WORD READ CYCLE CMOS DRAM tRASP RAS VIH VIL - tRP tCSH tCRP UCAS VIH VIL - tRHCP tHPC tCP tHPC tCAS tCP tHPC tCAS tCP tCAS tRCD tCAS tCRP LCAS VIH VIL - tRCD tRAD tRAH tASC tCP tCAS tCAS tCP tCAS tCP tCAS tREZ tASR A VIH VIL - tCAH tASC tCAH tASC tCAH COLUMN ADDR tASC tCAH ROW ADDR COLUMN ADDRESS COLUMN ADDRESS COLUMN ADDRESS tRAL tRCS W VIH VIL - tRRH tRCH tAA tCPA tCAC tOCH tOEA tOEA tCAC tOEP tDOH VALID DATA-OUT tCAC tAA tCPA tCPA tCAC tAA tCHO tOEP OE VIH VIL - DQ0 ~ DQ7 VOH VOL - tRAC tOEZ VALID DATA-OUT VALID DATA-OUT tOEZ VALID DATA-OUT VALID DATA-OUT tOEZ tOLZ tCLZ tCAC DQ8 ~ DQ15 VOH VOL - tOEP tDOH VALID DATA-OUT tRAC tOEZ VALID DATA-OUT VALID DATA-OUT tOEZ VALID DATA-OUT VALID DATA-OUT tOLZ tCLZ Dont care Undefined K4E661612B, K4E641612B HYPER PAGE MODE LOWER BYTE READ CYCLE CMOS DRAM tRASP RAS VIH VIL o tRP tCRP UCAS VIH VIL - tRPC tCSH tHPC tRCD tCP tCAS tCAS tCP tCAS tHPC tCP tCAS tRHCP tHPC tREZ LCAS VIH VIL - tASR A VIH VIL - tRAD tRAH tASC tCAH tASC tCAH tASC tCAH tASC COLUMN ADDR tCAH COLUMN ADDRESS ROW ADDR COLUMN ADDRESS COLUMN ADDRESS tRAL tRCS W VIH VIL - tRRH tRCH tAA OE VIH VIL - tAA tCPA tCAC tOCH tOEA tCAC tAA tCPA tCPA tCAC tAA tCHO tOEP tOEA tCAC tOEP tDOH VALID DATA-OUT DQ0 ~ DQ7 VOH VOL - tRAC tOEZ VALID DATA-OUT VALID DATA-OUT tOEZ VALID DATA-OUT VALID DATA-OUT tOEZ DQ8 ~ DQ15 VOH VOL - tOLZ tCLZ OPEN Dont care Undefined K4E661612B, K4E641612B HYPER PAGE MODE UPPER BYTE READ CYCLE CMOS DRAM tRASP RAS VIH VIL o tRP tCSH tCRP UCAS VIH VIL - tRHCP tHPC tCP tHPC tCAS tCP tHPC tCAS tCP tCAS tRPC tRCD tCAS tCRP LCAS VIH VIL - tRPC tASR A VIH VIL - tRAD tRAH tASC tCAH tASC tCAH tASC tCAH COLUMN ADDR. tASC tCAH tREZ ROW ADDR. COLUMN ADDRESS COLUMN ADDRESS COLUMN ADDRESS tRAL tRCS W VIH VIL - tRRH tRCH tAA tCPA tCAC tOCH tOEA tOEA tCAC tAA tCPA tCPA tCAC tAA tCHO tOEP OE VIH VIL - DQ0 ~ DQ7 VOH VOL - OPEN tCAC tOEP tDOH VALID DATA-OUT DQ8 ~ DQ15 VOH VOL - tRAC tOEZ VALID DATA-OUT VALID DATA-OUT tOEZ VALID DATA-OUT VALID DATA-OUT tOEZ tOLZ tCLZ Dont care Undefined K4E661612B, K4E641612B HYPER PAGE MODE WORD WRITE CYCLE ( EARLY WRITE ) NOTE : DOUT = OPEN CMOS DRAM tRASP RAS VIH VIL o tRP tRHCP tCRP UCAS VIH VIL - tHPC tRCD tCAS tHPC tRCD tCAS tRAD tCSH tASC tCP tCAS o tHPC tCP tCAS o tRSH tCP tCAS tCRP tCRP LCAS VIH VIL - tHPC tCP tRSH tCAS tRAL tASR A VIH VIL - tRAH tCAH tASC tCAH o o tASC tCAH ROW ADDR COLUMN ADDRESS COLUMN ADDRESS COLUMN ADDRESS tWCS W VIH VIL - tWCH tWCS tWCH tWP o tWCS tWCH tWP tWP OE VIH VIL - o o DQ0 ~ DQ7 VIH VIL - tDS tDH VALID DATA-IN tDS tDH o VALID DATA-IN tDS tDH o VALID DATA-IN DQ8 ~ DQ15 VIH VIL - tDS tDH VALID DATA-IN tDS tDH o VALID DATA-IN tDS tDH o VALID DATA-IN Dont care Undefined K4E661612B, K4E641612B HYPER PAGE MODE LOWER BYTE WRITE CYCLE ( EARLY WRITE ) NOTE : DOUT = OPEN CMOS DRAM tRASP RAS VIH VIL o tRP tRHCP tRPC tCRP UCAS VIH VIL - tCRP LCAS VIH VIL - tHPC tRCD tCAS tRAD tCSH tASC tCP tCAS o tHPC tCP tRSH tCAS tRAL tASR A VIH VIL - tRAH tCAH tASC tCAH o o tASC tCAH ROW ADDR COLUMN ADDRESS COLUMN ADDRESS COLUMN ADDRESS tWCS W VIH VIL - tWCH tWCS tWCH tWP o tWCS tWCH tWP tWP OE VIH VIL - o o DQ0 ~ DQ7 VIH VIL - tDS tDH VALID DATA-IN tDS tDH o VALID DATA-IN tDS tDH o VALID DATA-IN DQ8 ~ DQ15 VIH VIL - Dont care Undefined K4E661612B, K4E641612B HYPER PAGE MODE UPPER BYTE WRITE CYCLE ( EARLY WRITE ) NOTE : DOUT = OPEN CMOS DRAM tRASP RAS VIH VIL o tRP tRHCP tCRP UCAS VIH VIL - tHPC tRCD tCAS tCP tCAS o tHPC tCP tRSH tCAS tRPC tCRP LCAS VIH VIL - tRAD tASR A VIH VIL - tRAH tCSH tASC tRAL tCAH tASC tCAH o o tASC tCAH ROW ADDR COLUMN ADDRESS COLUMN ADDRESS COLUMN ADDRESS tWCS W VIH VIL - tWCH tWCS tWCH tWP o tWCS tWCH tWP tWP OE VIH VIL - o o DQ0 ~ DQ7 VIH VIL - o o DQ8 ~ DQ15 VIH VIL - tDS tDH VALID DATA-IN tDS tDH o VALID DATA-IN tDS tDH o VALID DATA-IN Dont care Undefined K4E661612B, K4E641612B HYPER PAGE MODE WORD READ - MODIFY - WRITE CYCLE CMOS DRAM tRASP RAS VIH VIL - tRP tHPRWC tRSH tCSH tCRP tRCD tCAS tCP tCAS tCP tCAS tCAS tCRP UCAS VIH VIL - tCRP LCAS VIH VIL - tRCD tCRP tRAD tRAH tASR A VIH VIL ROW ADDR tASC COL. ADDR tCAH tASC COL. ADDR tRAL tCAH tRCS W VIH VIL - tCWL tWP tCWD tAWD tRWD tOEA tOED tCAC tAA tOEZ tDS tDH tRCS tCWD tAWD tCPWD tOEA tRWL tCWL tWP OE VIH VIL - tOED tCAC tAA tOEZ tDS tDH DQ0 ~ DQ7 VI/OH VI/OL - tRAC tCLZ VALID DATA-OUT tCLZ VALID DATA-IN VALID DATA-OUT VALID DATA-IN tOED tCAC tAA DQ8 ~ DQ15 VI/OH VI/OL - tDH tOEZ tDS tCAC tAA tOEZ tOED tDH tDS tRAC tCLZ VALID DATA-OUT tCLZ VALID DATA-IN VALID DATA-OUT VALID DATA-IN Dont care Undefined K4E661612B, K4E641612B HYPER PAGE MODE LOWER BYTE READ - MODIFY - WRITE CYCLE CMOS DRAM tRASP RAS VIH VIL - tRP tHPRWC tRPC tCSH tCRP UCAS VIH VIL - tCRP LCAS VIH VIL - tRCD tCAS tRAD tRAH tCP tRSH tCAS tCRP tASR A VIH VIL ROW ADDR tASC COL. ADDR tCAH tASC COL. ADDR tRAL tCAH tRCS W VIH VIL - tCWL tWP tRCS tRWL tCWL tWP tCWD tAWD tRWD tOEA tCAC tAA tOEZ tOED tDH tDS tCAC tCWD tAWD tCPWD tOEA tOED tAA tOEZ tDH tDS OE VIH VIL - DQ0 ~ DQ7 VI/OH VI/OL - tRAC tCLZ tOLZ VALID DATA-OUT tCLZ VALID DATA-IN tOLZ VALID DATA-OUT VALID DATA-IN DQ8 ~ DQ15 VI/OH VI/OL - OPEN Dont care Undefined K4E661612B, K4E641612B HYPER PAGE MODE UPPER BYTE READ - MODIFY - WRITE CYCLE CMOS DRAM tRASP RAS VIH VIL - tRP tHPRWC tRSH tCAS tRPC tCSH tCRP tRCD tCAS tCP tCRP UCAS VIH VIL - tCRP LCAS VIH VIL - tRAD tRAH tASR A VIH VIL ROW ADDR tASC COL. ADDR tCAH tASC COL. ADDR tCAH tRAL tRCS W VIH VIL - tCWL tWP tRCS tRWL tCWL tWP tCWD tAWD tCPWD tCWD tAWD tRWD tOEA OE VIH VIL - tOEA DQ0 ~ DQ7 VI/OH VI/OL - OPEN tOLZ tOED tCAC tAA tOEZ tDH tDS tCAC tAA tOEZ tCLZ VALID DATA-OUT VALID DATA-IN VALID DATA-OUT VALID DATA-IN tOLZ tOED tDH tDS DQ8 ~ DQ15 VI/OH VI/OL - tRAC tCLZ Dont care Undefined K4E661612B, K4E641612B HYPER PAGE READ AND WRITE MIXED CYCLE CMOS DRAM tRASP RAS VIH VIL READ(tCAC) READ(tCPA) WRITE READ(tAA) tRP tHPC tCP VIH UCAS VIL - tHPC tCP tCP tCAS tHPC tCP tCAS tCAH tCP tRHCP tHPC tCAS tHPC tCAS tRCD tCAS tCP tCAS tHPC LCAS VIH VIL - tRAD tASR tRAH tASC tCAS tCAS tCAH tASC COLUMN ADDRESS tCAH tASC tASC tCAH COL. ADDR A VIH VIL - ROW ADDR COLUMN ADDRESS COL. ADDR tRAL tRCS W VIH VIL - tRCH tRCS tRCH tWCS tWCH tRCH tWPE tCLZ tCPA OE VIH VIL - tWED DQ0 ~ DQ7 VI/OH VI/OL - tOEA tCAC tAA tRAC tOEA tCAC tAA tRAC tWEZ tWEZ VALID DATA-OUT tDH tDS VALID DATA-IN tAA VALID DATA-OUT tREZ VALID DATA-OUT tWEZ tWEZ VALID DATA-OUT tDH tDS VALID DATA-IN tAA VALID DATA-OUT tREZ DQ8 ~ DQ15 VI/OH VI/OL - VALID DATA-OUT Dont care Undefined K4E661612B, K4E641612B RAS - ONLY REFRESH CYCLE NOTE : W, OE , DIN = Dont care DOUT = OPEN tRC RAS VIH VIL - CMOS DRAM tRP tRAS tCRP tRPC UCAS VIH VIL - tCRP LCAS VIH VIL - tASR A VIH VIL - tRAH ROW ADDR CAS - BEFORE - RAS REFRESH CYCLE NOTE : OE, A = Dont care tRP RAS VIH VIL - tRC tRAS tRPC tCSR tCHR tRP tRPC tCP UCAS VIH VIL - tCP LCAS VIH VIL - tCSR tCHR DQ0 ~ DQ7 VOH VOL DQ8 ~ DQ15 VOH VOL VIH VIL - tCEZ OPEN OPEN tWRP tWRH W Dont care Undefined K4E661612B, K4E641612B HIDDEN REFRESH CYCLE ( READ ) CMOS DRAM tRC RAS VIH VIL - tRP tRC tRAS tRP tRAS tCRP UCAS VIH VIL - tRCD tRSH tCHR tCRP LCAS VIH VIL - tRCD tRSH tCHR tRAD tASR tRAH tASC tCAH COLUMN ADDRESS A VIH VIL - ROW ADDRESS tRCS W VIH VIL - tWRH tRAL tAA OE VIH VIL - tOEA tCEZ tREZ tWEZ tOLZ tOEZ DATA-OUT tCAC tCLZ DQ0 ~ DQ7 VOH VOL - tRAC OPEN DQ8 ~ DQ15 VOH VOL - OPEN DATA-IN DATA-OUT Dont care Undefined * In Hidden refresh cycle of 64Mb A-die & B-die, when CAS signal transits from Low to High, the valid data may be cut off. K4E661612B, K4E641612B HIDDEN REFRESH CYCLE ( WRITE ) NOTE : DOUT = OPEN CMOS DRAM tRC RAS VIH VIL - tRP tRC tRAS tRP tRAS tCRP UCAS VIH VIL - tRCD tRSH tCHR tCRP LCAS VIH VIL - tRCD tRSH tCHR tRAD tASR tRAH tASC tCAH COLUMN ADDRESS A VIH VIL - ROW ADDRESS tWRH tWCS W VIH VIL - tWRP tWCH tWP OE VIH VIL - tDS DQ0 ~ DQ7 VIH VIL - tDH DATA-IN tDS DQ8 ~ DQ15 VIH VIL - tDH DATA-IN Dont care Undefined K4E661612B, K4E641612B CAS - BEFORE - RAS SELF REFRESH CYCLE NOTE : OE , A = Dont care tRP RAS VIH VIL - CMOS DRAM tRASS tRPS tRPC tCP UCAS VIH VIL - tRPC tCSR tCHS tCP LCAS VIH VIL - tCSR tCHS DQ0 ~ DQ7 VOH VOL DQ8 ~ DQ15 VOH VOL VIH VIL - tCEZ OPEN OPEN tWRP tWRH W TEST MODE IN CYCLE NOTE : OE , A = Dont care tRC tRP RAS VIH VIL - tRAS tRP tRPC tCP tCSR tCHR tRPC UCAS VIH VIL - tCP LCAS VIH VIL - tCSR tCHR W VIL VIH - tWTS tWTH DQ0 ~ DQ15 VOH VOL - tCEZ OPEN Dont care Undefined K4E661612B, K4E641612B PACKAGE DIMENSION 50 TSOP(II) 400mil CMOS DRAM Units : Inches (millimeters) 0.455 (11.56) 0.471 (11.96) 0.400 (10.16) 0.004 (0.10) 0.010 (0.25) 0.841 (21.35) MAX 0.821 (20.85) 0.829 (21.05) 0.047 (1.20) MAX 0.010 (0.25) TYP 0.018 (0.45) 0.030 (0.75) 0~8 O 0.034 (0.875) 0.0315 (0.80) 0.002 (0.05) MIN 0.010 (0.25) 0.018 (0.45) |
Price & Availability of K4E641612B-TC |